Part Number Hot Search : 
LTM4605 D6102G V285ME10 SSH6N55A SPP20N60 SDR605 PS100 12C887
Product Description
Full Text Search
 

To Download BAT54ADW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54TW/ADW/CDW/SDW/BRW
SCHOTTKY DIODE FEATURES Power dissipation PD: 200 mW (Tamb=25)
SOT-363
Forward Current 200 m A IF: Reverse Voltage 30 V VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) IR
unless otherwise specified)
Test conditions MIN 30 2 240 320 400 500 1000 10 5 mV MAX UNIT V
IR= 100A VR=25V IF=0.1mA IF=1mA
A
Forward
voltage
VF
IF=10mA IF=30mA IF=100mA
Diode
capacitance
CD t
VR=1V, f=1MHz IF =10mA through IR=10mA to IR=1.0mA RC=100
pF nS
Reverse recovery time
rr


▲Up To Search▲   

 
Price & Availability of BAT54ADW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X